PART |
Description |
Maker |
2N5883 2N5883-D |
Power 25A 60V Discrete PNP Complementary Silicon High-Power Transistors
|
ON Semiconductor
|
OC28 OC22 OC23 OC30 OC25 OC19 OC36 AUY29IV AUY24 A |
TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 24V V(BR)CEO | 1A I(C) | TO-3 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1.4A I(C) | TO-66VAR TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 4A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 8A I(C) | TO-3 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 15A I(C) | TO-41 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-41 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 8A I(C) | TO-41 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 8A条一(c)|1
|
Vicor, Corp. Marktech Optoelectronics
|
DXT2012P5 DXT2012P5-13 DXT2012P5-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 60V PNP MEDIUM POWER TRANSISTOR PowerDI?5
|
Diodes Incorporated
|
RFD16N06LESM RFD16N06LESM9A |
Discrete Commercial N-Channel Power MOSFET, 60V, 16A, 0.047 Ohms @ VGS = 4.5V, TO-252/DPAK Package 16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
MJ15002 MJ15001 MJ15001-D |
Power 15A 140V Discrete PNP Power 15A 140V Discrete NPN Complementary Silicon Power Transistors
|
ON Semiconductor
|
2SA1615-Z 2SA1615-ZK 2SA1615L 2SA1615-ZL 2SA1615 |
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 10A I(C) | TO-252AA TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 10A I(C) | TO-251AA 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC] NEC Corp.
|
2N4919G |
Bipolar Power C77 PNP 3A 60V; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 500 3 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-225AA
|
ON Semiconductor
|
2N4399 |
PNP Silicon High-Power Transistor(60V(集电极-发射极)硅PNP大功率晶体管) 30 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
ZX5T951Z ZX5T951ZTA |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 4.3 A, 60 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
2N1080 2N5409 2N2202 2N4350 2N4242 2N3142 2N3141 2 |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 5A I(C) | TO-111 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 70V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-1/4 TRANSISTOR | BJT | NPN | 65V V(BR)CEO | 2A I(C) | STR-10 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-36 Open-Drain SOT µP Reset Circuit TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 1A I(C) | CAN TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-53 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 5A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-210AC 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 60mA的一(c)|1 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 350MA I(C) | TO-5 晶体管|晶体管|叩| 40V的五(巴西)总裁| 350mA的一(c)| TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 10A I(C) | STR-1/4 晶体管|晶体管|叩| 50V五(巴西)总裁| 10A条一(c)|个STR - 1 / 4 Open-Drain SOT µP Reset Circuit
|
Winbond Electronics, Corp.
|
ZXTP2012ASTZ |
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 3500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC
|
2SB834 2SB834O 2SB834Y |
POWER TRANSISTORS(3.0A,60V,30W) TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP. Mospec Semiconductor, Corp.
|